Electronic Components Datasheet Search
  English  ▼

X  

XRT73L03 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT73L03
Description  3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L03 Datasheet(HTML) 1 Page - Exar Corporation

  XRT73L03 Datasheet HTML 1Page - Exar Corporation XRT73L03 Datasheet HTML 2Page - Exar Corporation XRT73L03 Datasheet HTML 3Page - Exar Corporation XRT73L03 Datasheet HTML 4Page - Exar Corporation XRT73L03 Datasheet HTML 5Page - Exar Corporation XRT73L03 Datasheet HTML 6Page - Exar Corporation XRT73L03 Datasheet HTML 7Page - Exar Corporation XRT73L03 Datasheet HTML 8Page - Exar Corporation XRT73L03 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
áç
áç
áç
áç
PRELIMINARY
XRT73L03
3 CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
AUGUST 2000
REV. P1.0.13
GENERAL DESCRIPTION
The XRT73L03 is a 3-Channel, E3/DS3/STS-1 Line
Interface Unit designed for E3, DS3 or SONET STS-1
applications and consists of three independent line
transmitters and receivers integrated on a single chip.
Each channel of the XRT73L03 can be configured to
support the E3 (34.368 Mbps), DS3 (44.736 Mbps) or
the SONET STS-1 (51.84 Mbps) rates. Each channel
can be configured to operate in a mode/data rate that
is independent of the other channels.
In the transmit direction, each channel in the
XRT73L03 encodes input data to either B3ZS or
HDB3 format and converts the data into the appropri-
ate pulse shapes for transmission over coaxial cable
via a 1:1 transformer.
In the receive direction, the XRT73L03 can perform
Equalization on incoming signals, perform Clock Re-
covery, decode data from either B3ZS or HDB3 for-
mat, convert the receive data into TTL/CMOS format,
check for LOS or LOL conditions and detect and de-
clare the occurrence of Line Code Violations.
APPLICATIONS
• Digital Cross Connect Systems
• CSU/DSU Equipment
• Routers
• Fiber Optic Terminals
• Multiplexers
• ATM Switches
FEATURES
• Meets E3/DS3/STS-1 Jitter Tolerance Require-
ments
• Full Loop-Back Capability
• Transmit and Receive Power Down Modes
• Full Redundancy Support
• Contains a 4-Wire Microprocessor Serial Interface
• Uses Minimum External components
• Single +3.3V Power Supply
• 5V tolerant I/O
• -40°C to +85°C Operating Temperature Range
• Available in a Thermally Enhanced 120 pin TQFP
package
FIGURE 1. XRT73L03 BLOCK DIAGRAM
ENDECDIS
RLOS(n)
LLB(n)
RLB(n)
TAOS(n)
TPData(n)
TNData(n)
TxClk(n)
TxLEV(n)
TxOFF(n)
Channel 3 - (n) = 3
AGC/
Equalizer
Serial
Processor
Interface
Peak
Detector
LOS Detector
Slicer
Clock
Recovery
Data
Recovery
Invert
Loop MUX
HDB3/
B3ZS
Decoder
LOSTHR(n)
SDI
SDO
SClk
CS
REGR
RTIP(n)
RRing(n)
REQEN(n)
Channel 1 - (n) = 1
Channel 2 - (n) = 2
Notes: 1.
(n) = 1, 2 or 3 for respective Channels
2. Serial Processor Interface input pins are shared by the three Channels in HOST Mode and redefined in Hardware Mo de.
Device
Monitor
MTIP(n)
MRing(n)
DMO(n)
Transmit
Logic
Duty Cycle Adjust
TTIP(n)
TRing(n)
Pulse
Shaping
HDB3/
B3ZS
Encoder
E3_Ch(n)
STS-1/DS3_Ch(n)
Host/(HW)
RLOL(n)
EXClk(n)
RxOFF
RxClkINV
RxClk(n)
RPOS(n)
RNEG(n)
LCV(n)
Tx
Control


Similar Part No. - XRT73L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03AIV EXAR-XRT73L03AIV Datasheet
837Kb / 62P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03BIV EXAR-XRT73L03BIV Datasheet
667Kb / 61P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73L03

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A Datasheet
720Kb / 61P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A_08 Datasheet
413Kb / 61P
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
logo
M/A-COM Technology Solu...
28333-BRF-001-A MA-COM-28333-BRF-001-A Datasheet
120Kb / 4P
DS3/E3/STS-1 Line lnterface Unit
28333-BRF-001-A MA-COM-28333-BRF-001-A_15 Datasheet
120Kb / 4P
DS3/E3/STS-1 Line lnterface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com