Electronic Components Datasheet Search
  English  ▼

X  

T25Q32ASIPT Datasheet(PDF) 33 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25Q32ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25Q32ASIPT Datasheet(HTML) 33 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25Q32ASIPT Datasheet HTML 29Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q32ASIPT Datasheet HTML 30Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q32ASIPT Datasheet HTML 31Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q32ASIPT Datasheet HTML 32Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q32ASIPT Datasheet HTML 33Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q32ASIPT Datasheet HTML 34Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q32ASIPT Datasheet HTML 35Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q32ASIPT Datasheet HTML 36Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q32ASIPT Datasheet HTML 37Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
33
7. INSTRUCTIONS
The instruction set of the
HM25Q128A consists of forty basic instructions that are fully controlled through
the SPI bus. Instructions are initiated with the falling edge of Chip Select (CS#). The first byte of data clocked
into the DI input provides the instruction code. Data on the DI input is sampled on the rising edge of clock with
most significant bit (MSB) first.
The QPI instruction set of the
HM25Q128A consists of 32 basic instructions that are fully controlled
through the SPI bus (see Instruction Set Table 7.5). Instructions are initiated with the falling edge of Chip
Select (CS#). The first byte of data clocked through IO[3:0] pins provides the instruction code. Data on all four
IO pins are sampled on the rising edge of clock with most significant bit (MSB) first. All QPI instructions,
addresses, data and dummy bytes are using all four IO pins to transfer every byte of data with every two serial
clocks (CLK).
Instructions vary in length from a single byte to several bytes and may be followed by address bytes, data
bytes, dummy bytes (don’t care), and in some cases, a combination. Instructions are completed with the rising
edge of edge CS#. Clock relative timing diagrams for each instruction are included in figures 7.1 through 7.47
All read instructions can be completed after any clocked bit. However, all instructions that Write, Program or
Erase must complete on a byte boundary (CS driven high after a full 8-bits have been clocked) otherwise the
instruction will be ignored. This feature further protects the device from inadvertent writes. Additionally, while
the memory is being programmed or erased, or when the Status Register is being written, all instructions
except for Read Status Register and Erase/Program Suspend will be ignored until the program or erase cycle
completes.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com