Electronic Components Datasheet Search
  English  ▼

X  

T25S32ASIPT Datasheet(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S32ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S32ASIPT Datasheet(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S32ASIPT Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
10
4. SIGNAL DESCRIPTIONS
Table 4.1 Pin Descriptions
Symbol
Pin Name
CLK
Serial Clock Input
DI(IO0)
Serial Data Input(Data input output 0) (1)
DO(IO1)
Serial Data Output(Data input output 1) (1)
CS#
Chip Enable
WP#(IO2)(3)
Write Protect (Data input output 2) (2)
HOLD# / RESET#(3)(IO3)
Hold or Reset input(Data input output 3) (2)
VCC
Power Supply (2.3-3.6V)
GND
Ground
Notes:
(1)IO0 and IO1 are used for Standard and Dual SPI instructions.
(2)IO0—IO3 are used for QUAD SPI / QPI instructions.
(3)WP# and HOLD# / RESET# functions are only available for Standard and Dual SPI.
4.1. Serial Data Input (DI) / IO0
The SPI Serial Data Input (DI) pin is used to transfer data serially into the device. It receives instructions,
address and data to be programmed. Data is latched on the rising edge of the Serial Clock (CLK) input pin.
The DI pin becomes IO0 - an input and output during Dual and Quad commands for receiving instructions,
address, and data to be programmed (values latched on rising edge of serial CLK clock signal) as well as
shifting out data (on the falling edge of CLK).
4.2. Serial Data Output (DO) / IO1
The SPI Serial Data Output (DO) pin is used to transfer data serially out of the device. Data is shifted out
on the falling edge of the Serial Clock (CLK) input pin. DO becomes IO1 - an input and output during Dual and
Quad commands for receiving instructions, addresses, and data to be programmed (values latched on rising
edge of serial CLK clock signal) as well as shifting out data (on the falling edge of CLK).
4.3. Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations. ("See SPI
Mode")
4.4. Chip Select (CS#)
The SPI Chip Select (CS#) pin enables and disables device operation. When CS# is high the device is
deselected and the Serial Data Output pins are at high impedance.
When deselected, the devices power consumption will be at standby levels unless an internal erase,
program or status register cycle is in progress. When CS# is brought low the device will be selected, power
consumption will increase to active levels and instructions can be written to and data read from the device.
After power-up, CS# must transition from high to low before a new instruction will be accepted.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com