Electronic Components Datasheet Search
  English  ▼

X  

SD6003 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD6003
Description  Standalone Linear Li-Lon Battery Charger with Thermal Regulation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD6003 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD6003 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD6003 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD6003 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD6003 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD6003 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD6003 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD6003 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
T
Ty
yp
piic
ca
all A
Ap
pp
plliic
ca
attiio
on
n
* IBAT = (VPROG/RSET)*900
* When charging in constant-current mode, the VPROG is usually 1V.
P
Piin
n A
As
ss
siig
gn
nm
me
en
ntt
TOP VIEW
SOT-23- 6L
PIN
NUMBER
SOT-23- 6L
PIN NAME
FUNCTION
1
CHRG
Open-Drain Charge Status
Output
2
GND
Ground
3
BAT
Charge Current Output
4
VCC
Positive
Input
Supply
Voltage.
5
LD
Open-Drain Charge Status
Output
6
PROG
Charge Current Program
VCC
CHRG
LD
BAT
PROG
GND
DC+
C1
C2
4
5
2
6
1
3
R1
VOUT
R2
300
300
RSET
LED1
LED2
1
2
3
6
5
4
SD6003
Shouding
SD6003
Shouding
SD6003
Shouding
http://www.sdw-tw.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com