Electronic Components Datasheet Search
  English  ▼

X  

SD6008 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD6008
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD6008 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD6008 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD6008 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD6008 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD6008 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD6008 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD6008 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD6008 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD6008 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD6008 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
Number
Name
Description
1
NC
NC
2
GND
Ground, connect the negative terminal of the battery to this pin
3
VDD
Power Supply
4,5
VM
The negative terminal of the battery pack. The internal FET
switch connects this terminal to GND
Function Block Diagram
Figure 3. Functional Block Diagram
ABSOLUTE MAXIMUM RATINGS
(Note: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating
conditions for long periods may affect device reliability.)
PARAMETER
VALUE
UNIT
VDD input pin voltage
-0.3 to 6
V
VM input pin voltage
-6 to 10
V
Operating Ambient Temperature
-40 to 85
°C
Maximum Junction Temperature
125
°C
Storage Temperature
-55 to 150
°C
Lead Temperature ( Soldering, 10 sec)
300
°C
Power Dissipation at T=25°C
0.4
W
Package Thermal Resistance (Junction to Ambient) θJA
250
°C/W
Package Thermal Resistance (Junction to Case) θJC
130
°C/W
ESD
2000
V
SD6008Rev 1.0
SD6008
Shouding
www.shouding.net



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com