Electronic Components Datasheet Search
  English  ▼

X  

SD6372 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD6372
Description  1MHz, 2A Step-Up Current Mode PWM Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD6372 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD6372 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD6372 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD6372 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD6372 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD6372 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD6372 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD6372 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD6372 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD6372 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
Function Block Diagram
Pin Descriptions
SOT23-6L
1
2
3
6
5
4
OC
EN
LX
GND
FB
Top View
Name
No.
I / O
Description
LX
1
O
Power Switch Output
GND
2
P
IC Ground
FB
3
I
Error Amplifier Inverting Input
EN
4
I
Enable Control (Active High)
VCC
5
P
IC Power Supply
OC
6
I
Adjustable Current Limit (Floating Available)
**
*
*
*
*
Shouding
http://www.shouding.net
SD6372



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com