Electronic Components Datasheet Search
  English  ▼

X  

SD6410 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD6410
Description  1.4MHz, 1.5A Synchronous Step-Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD6410 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD6410 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD6410 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD6410 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD6410 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD6410 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD6410 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD6410 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SD6410
1.4MHz
2
Absolute Maximum Ratings
(Note 1)
Input Supply Voltage ……… -0.3V to 6V
Operating Temperature Range … -40°C to +85°C
RUN,VOUT Voltages……... -0.3V to 6V
Junction Temperature(Note2) ……………..125°C
SW Voltage
……………-0.3V to (Vin+0.3V) Storage Temperature Range ..…-65°C to 150°C
Peak SW Sink and Source Current 2.5A
Lead Temperature(Soldering,10s) ….…..+300°C
Package/Order Information
Part Number
SWICHING
FREQUENCY
Temp Range
OUTPUT
VOLTAGE (V)
OUTPUT
CURRENT (A)
-40°C to +85°C
ADJ
1.5
Pin Description
PIN
NAME
FUNCTION
1
RUN
Chip Enable Pin. Drive RUN above 1.5V to turn on the part.
Drive
RUN below 0.3V to turn it off. Do not leave RUN floating.
2
GND
Ground Pin
3
SW
Power Switch Output. It is the switch node connection to Inductor.
This pin connects to the drains of the internal P-ch and N-ch MOSFET
switches.
4
VIN
Power Supply Input. Must be closely decoupled to GND with a 10µF
or greater ceramic capacitor.
5
VOUT
Output Voltage Feedback Pin. An internal resistive divider divides the
output voltage down for comparison to the internal reference voltage.
SD6410
1.4MHz, 1.5A Synchronous Step-Down Converter
Shouding
http://www.shouding.net



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com