Electronic Components Datasheet Search
  English  ▼

X  

2SA1774 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SA1774
Description  PNP GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1774 Datasheet(HTML) 2 Page - ON Semiconductor

  2SA1774 Datasheet HTML 1Page - ON Semiconductor 2SA1774 Datasheet HTML 2Page - ON Semiconductor 2SA1774 Datasheet HTML 3Page - ON Semiconductor 2SA1774 Datasheet HTML 4Page - ON Semiconductor 2SA1774 Datasheet HTML 5Page - ON Semiconductor 2SA1774 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA1774
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. IC – VCE
VCE, COLLECTOR VOLTAGE (V)
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. On Voltage
IC, COLLECTOR CURRENT (mA)
0
120
90
60
30
0
36
9
15
1000
0.1
100
10
1
10
100
TA = 25°C
TA = – 25°C
TA = 75°C
VCE = 10 V
2
0.01
1.5
1
0.5
0
0.1
1
10
100
TA = 25°C
900
0.2
800
700
600
500
400
300
200
100
0.5
1
5
10
20
40
60
80
100
150 200
TA = 25°C
VCE = 5 V
12
0
TA = 25°C
300
µA
IB = 50 µA
100
150
200
250
Figure 5. Capacitance
VCB (V)
Figure 6. Capacitance
VEB (V)
13
0
12
11
10
9
6
12
3
4
14
0
12
10
8
6
4
0
10
20
30
40
8
7
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com