Electronic Components Datasheet Search
  English  ▼

X  

SD7933 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD7933
Description  Single Stage, High PFC, AC-DC LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD7933 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD7933 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD7933 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD7933 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD7933 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD7933 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD7933 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SD7933
2
ABSOLUTE MAXIMUM RATINGS
VDD Voltage
-0.3V to VDD Clamp
DRV Pin Voltage
-0.3V to 20V
COMP/CS/ DSEN Pins Voltage
-0.3V to 5V
Power Dissipation ( TA=25°C, SOT23-6)
0.6W
Lead Temperature (soldering, 10 sec.)
260°C
Storage Temperat ure
-55°C to 150°C
Recommended operating conditions
Supply voltage
7.2V to 19V
Operating Temperature
-10°C to 105°C
Thermal resistance①
Junction to ambient (RθJA)
170°C/W
Junction to Case (RθJC)
130°C/W
Ordering information
7933
□□□
Week code
Year code
Optional Spec code
Device
Package
Type
Quantity
per reel
Device
mark
SOT23-6
3000
7933
PIN CONFIGURATIONS
PIN DESCRIPTION
Name
Pin No.
Description
COMP
1
Internal EA
’s output. Connect a capacitor to ground for frequency compensation.
GND
2
Ground.
CS
3
Current Sense Pin.
DRV
4
Gate drive output for primary MOSFE T.
VDD
5
Power Supply.
DSEN
6
The voltage feedback from auxiliary winding. Connected to a resistor divider from
auxiliary winding to sense output voltage.
SD7933
SD7933
SD7933
SD7933
SD7933
SD7933
www.shouding.net
Rev. 1.00
SD7933
Single Stage, High PFC, AC-DC LED Driver
Shouding



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com