Electronic Components Datasheet Search
  English  ▼

X  

SD8058 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD8058
Description  600mA linear lithium ion battery charger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8058 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD8058 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8058 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8058 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8058 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8058 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8058 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8058 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8058 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8058 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SD8058
封装
/订购信息
5 引脚塑料 SOT-23-5 封装
订单型号
-42-SOT25-R
器件标记
58bM(M 是生产批号,可变)
电特性
凡表注●表示该指标适合整个工作温度范围,否则仅指 T
A=25℃,VCC=5V,除非特别注明。
符号
参数
条件
最小值 典型值 最大值
单位
VCC
输入电源电压
●
4.0
5
9.0
V
ICC
输入电源电流
充电模式,
RPROG=10K
待机模式(充电终止)
停机模式(
RPROG 未连接,
VCC<VBAT,或 VCC<VUV)
●
●
●
150
145
120
500
190
140
μ
A
μ
A
μ
A
VFLOAL
稳定输出(浮充)电压
0℃≤TA≤85℃,IBAT=40mA
4.158
4.2
4.242
V
IBAT
BAT 引脚电流
(除说明外 Vbat=4.0v)
RPROG=10K,电流模式
RPROG=2K,电流模式
RPROG=1.6K,电流模式
RPROG=1.5K,电流模式
待机模式,
VBAT=4.2V
停机模式(
RPROG 未连接)
睡眠模式,
VCC=0V
●
●
●
●
90
410
500
580
100
430
520
600
-
2.5
±
1
-
1
110
450
540
620
-
6
±
2
-
2
mA
mA
mA
mA
μ
A
μ
A
μ
A
ITRIKL
涓流充电电流
VBAT<VTRIKL,RPROG=10K
●
8
10
10
mA
VTRIKL
涓流充电门限电压
RPROG=10K,VBAT 上升
2.8
2.9
3.0
V
VTRHYS
涓流充电迟滞电压
RPROG=10K
60
80
100
mV
VUV
VCC 欠压闭锁门限
从
VCC 低至高
●
3.4
3.6
3.8
V
VUVHYS
VCC 欠压闭锁迟滞
●
150
200
300
mV
VMSD
手动停机门限电压
PROG 引脚电平上升
PROG 引脚电平下降
●
●
3.40
1.90
3.50
2.00
3.60
2.10
V
V
VASD
VCC-VBAT 闭锁门限电压
VCC 从低到高
VCC 从高到低
60
5
100
30
140
50
mV
mV
ITERM
C/10 终止电流门限
RPROG=10K
RPROG=1.6K
●
●
8
40
10
52
12
60
mA
mA
VPROG
PROG 引脚电压
RPROG=10K,电流模式
●
0.9
1.0
1.1
V
CHRG
I
CHRG 引脚漏电流
CHRG
V
=5V(待机模式)
0
1
μ
A
CHRG
V
CHRG 引脚输出低电压
CHRG
I
=5mA
0.3
0.6
V
600mA线性锂离子电池充电器
SD8058
Shouding
2
SD2013.7
http://www.shouding.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com