Electronic Components Datasheet Search
  English  ▼

X  

HM721 Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM721
Description  12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM721 Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM721 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Performance Characteristics (continued)
6
At TA =+25℃,VCM =VS /2, and RL = 10kΩ connected to VS /2, unless otherwise noted.
Short-circuit Current as a function of Temperature.
Channel Separation as a function of Frequency.
Open-loop Gain and Power Supply Rejection Ratio
as a function of Temperature.
Common-mode Rejection Ratio as a function of
Temperature.
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
140
Frequency (Hz)
Power Supply and Common-mode Rejection Ratio
as a function of Frequency.
30
40
50
60
70
80
90
100
110
1
10
100
1k
10k
100k
1M
Frequency (Hz)
PSRR
CMRR
Open-loop Gain and Phase as a function of
Frequency.
-30
0
30
60
90
120
150
180
-20
0
20
40
60
80
100
120
1
10 100 1k 10k 100k 1M 10M
Frequency (Hz)
50
60
70
80
90
100
-50 -25
0
25
50
75
100 125 150
Temperature (
℃)
VCM = –0.2 to 3.5 V
VCM = –0.2 to 5.7 V
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
150
Temperature (
℃)
+ISC
-ISC
80
90
100
110
120
-50 -25
0
25
50
75
100 125 150
Temperature (
℃)
AVOL, RL = 10kΩ
PSRR
HM721, HM722, HM724
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com