Electronic Components Datasheet Search
  English  ▼

X  

HM1460DR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1460DR
Description  Single Buck Voltage Mode PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1460DR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1460DR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1460DR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1460DR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1460DR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1460DR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1460DR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1460DR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1460DR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1460DR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Pin Assignments
PIN
FUNCTION
NO.
NAME
SOP-8P
TDFN3x3-10
1
1
BOOT
This pin provides the bootstrap voltage to the high-side gate driver for
driving the N-channel MOSFET. An external capacitor from PHASE to
BOOT, an internal diode, generates the bootstrap voltage for the high-side
gate driver (UGATE).
2
2
UGATE
High-side Gate Driver Output. This pin is the gate driver for high-side
MOSFET.
3
4
GND
Signal and Power ground. Connecting this pin to system ground.
4
5
LGATE
Low-side Gate Driver Output and Over-Current Setting Input. This pin is the
gate driver for low-side MOSFET. It also used to set the maximum inductor
current. Refer to the section in “Function Description” for detail.
5
6
VCC
Power Supply Input. Connect a nominal 5V to 12V power supply voltage to
this pin.
A
power-on-reset
function
monitors
the
input
voltage
at
this
pin.
It
is recommended that a decoupling
capacitor (1 to 10 F) is connected to GND for noise decoupling.
6
7
FB
Feedback Input of Converter. The converter senses feedback voltage via FB
and regulates the FB voltage at 0.8V. Connecting FB with a resistor-divider
from the output sets the output voltage of the converter.
7
8
COMP
This is a multiplexed pin. During soft-start and normal converter operation,
this pin represents the output of the error amplifier. It is used to
compensate the regulation control loop in combination with the FB pin.
Pulling COMP low (VDISABLE = 0.4V max.) will shut down the controller. When
the pull-down device is released, the COMP pin will start to rise. When the
COMP pin rises above the VDISABLE trip point, the HM1640 will begin a new
initialization and soft-start cycle.
Single Buck Voltage Mode PWM Controller
HM1460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com