Electronic Components Datasheet Search
  English  ▼

X  

HM1461 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1461
Description  40Vin 2 Outputs Buck Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1461 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1461 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1461 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1461 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1461 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1461 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1461 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1461 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1461 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1461 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
 
 
  40Vin 2 Outputs Buck Controller
ESD 
HBM (Human Body Mode) 
2K 
V
θJA 
Thermal Resistance from Junction to ambient 
40 
ºC/W 
Recommended Operating Conditions 
Symbol 
Parameter 
Rating 
Unit
Min. 
Typ. 
Max. 
VIN 
Supply Voltage 
6* ‐ 
40 
V 
VOUT 
Output voltage range 
3 ‐ 
28 
V 
IOUT 
Output current range ‐ 
‐ 
15 
A 
TOP 
Operating Temperature ‐40 ‐ 
85 
ºC 
TSTG 
Storage Temperature Range ‐65 ‐ 
150 
ºC 
TJ 
Junction Temperature  
‐40 ‐ 
150 
ºC
TSDR 
Maximum Lead Soldering Temperature, 10 Seconds 
260 
ºC 
Note: * when supply voltage is around 6V, output load current should be less than 5A. 
Electrical Characteristics 
(VIN=12V, TA=25°C (unless otherwise specified). MOSFET use HMS110N04D)
 
Symbol  
Characteristic 
Test conditions  
Min  
Typ  
Max  
Unit  
VIN   
Supply Voltage 
 
6.0   ‐ 
40 
V 
IIN   
Supply Input Current 
Vout=5V,No load 
1 
1.7 
3.5 
mA 
VIN UVLO  
VUP   
VIN UVLO Turn ON 
VIN Rising 
5.7 
6.0 
7.1 
V 
VHYS 
VIN UVLO Hysteresis 
VIN Falling   ‐ 
0.6   ‐ 
V 
Feedback voltage   
VFB   
Feedback voltage  
1.176 
1.20 
1.224 
V 
  
Tolerance  
‐2 
  ‐ 
2 
% 
Soft Start 
 
Soft Start time  
‐ 
6 ‐ 
ms 
Oscillator 
FSW  
Switch frequency 
 
100 
125 
150 
KHz 
TON 
Minimum On‐Time 
 
‐ 
100 ‐ 
ns 
D 
Duty cycle  
  ‐ 
  ‐ 
98 
% 
Current sense 
VTHCC 
CC threshold 
 
65 
68 
71 
mV 
IFB  
Cable compensation Current 
CS1‐2=68mv   ‐ 
2 ‐ 
uA 
HDR & LDR Drivers 
 
40Vin 2 Outputs Buck Controller
HM1461



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com