Electronic Components Datasheet Search
  English  ▼

X  

HM1462 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1462
Description  40Vin 2 Outputs COT Buck Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1462 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1462 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1462 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1462 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1462 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1462 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1462 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1462 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1462 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
 
 
  40Vin 2 Outputs COT Buck Controller
TSTG 
Storage Temperature Range ‐65 ‐ 
150 
ºC 
TJ 
Junction Temperature  
‐40 ‐ 
150 
ºC
TSDR 
Maximum Lead Soldering Temperature, 10 Seconds 
260 
ºC 
Electrical Characteristics 
(VIN=12V, TA=25°C (unless otherwise specified). MOSFET use HMS110N04D)
 
Symbol  
Characteristic 
Test conditions  
Min  
Typ  
Max  
Unit  
VIN   
Supply Voltage 
 
7.5   ‐ 
40 
V 
IIN   
Supply Input Current 
Vout=5V,No load 
0.6 
0.8 
2.5 
mA 
VIN UVLO  
VUP   
VIN UVLO Turn ON 
VIN Rising 
5.0 
5.5 
6.0 
V 
VHYS 
VIN UVLO Hysteresis 
VIN Falling   ‐ 
1.0   ‐ 
V 
Feedback voltage   
VFB1/2   
Feedback voltage  
1.176 
1.20 
1.224 
V 
  
Tolerance  
‐2 
  ‐ 
2 
% 
Soft Start 
 
Soft Start time  
‐ 
0.7 ‐ 
ms 
Oscillator 
FSW  
Switch frequency 
 
125 
150 
175 
KHz 
TON 
Minimum On‐Time 
 
‐ 
150 ‐ 
ns 
D 
Duty cycle  
  ‐ 
  ‐ 
98 
% 
Current sense 
VCC1 
CC threshold 
 
46.5 
50 
53.5 
mV 
VCC2 
CC threshold 
VOUT=5V 
41 
44 
47 
mV 
IFB  
Cable compensation Current 
Vin=12V, Cout1‐2=40mv   ‐ 
4.0 ‐ 
uA 
HDR & LDR Drivers 
 
TRH  
HDR Rising Time  
 
  ‐ 
10 
  ‐ 
ns 
TFH  
HDR Falling Time 
 
  ‐ 
10 
  ‐ 
ns 
TRL 
LDR Rising Time 
 
  ‐ 
10 
  ‐ 
ns 
TFL 
LDR Falling Time 
 
  ‐ 
10 
  ‐ 
ns 
TLH 
Dead Time 
 
  ‐ 
30 
  ‐ 
ns 
THL 
Dead Time 
 
  ‐ 
30 
  ‐ 
ns 
Thermal Shutdown(OTP)  
TSD  
Temperature Rising 
    
  ‐ 
150 
  ‐ 
ºC 
THYS 
OTP Hysteresis 
    
  ‐ 
20 
  ‐ 
ºC 
 
40Vin 2 Outputs COT Buck Controller



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com