Electronic Components Datasheet Search
  English  ▼

X  

HM1468 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1468
Description  High-Performance PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1468 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM1468 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
 
 
 
 
Application Information 
Output Voltage Setting 
The output voltage is adjustable from 0.7V to 5.5V with a 
resistor‐divider connected with FB, GND, and converter’s output. Using 
1% or better resistors for the resistor‐divider is recommended. The 
output voltage is determined by: 
 
Where 0.7 is the reference voltage, RTOP is the resistor connected from 
converter’s output to FB, and RGND is the resistor connected from FB 
to GND. Suggested RGND is in the range from 1k to 20kΩ. To prevent 
stray pickup, locate resistors RTOP and RGND close to 
HM1468.
 
Output Inductor Selection 
The duty cycle (D) of a buck converter is the function of the input 
voltage and output voltage. Once an output voltage is fixed, it can be 
written as: 
 
The inductor value (L) determines the inductor ripple current, IRIPPLE, 
and affects the load transient reponse. Higher inductor value reduces 
the inductor’s ripple current and induces lower output ripple voltage. 
The ripple current and ripple voltage can be approximated by: 
 
Where FSW is the switching frequency of the regulator.Although the 
inductor value and frequency are increased and the ripple current and 
voltage are reduced, a tradeoff exists between the inductor’s ripple 
current and the regulatorload transient response time. 
A smaller inductor will give the regulator a faster load transient 
response at the expense of higher ripple current. Increasing the 
switching frequency (FSW) also reduces the ripple current and voltage, 
but it will increase the switching loss of the MOSFETs and the power 
dissipation of the converter. The maximum ripple current occurs at the 
maximum input voltage. A good starting point is to choose the ripple 
current to be approximately 30% of the maximum output current. Once 
the inductance value has been chosen, selecting an inductor which is 
capable of carrying the required peak current without going into 
saturation. In some types of inductors, especially core that is made of 
ferrite, the ripple current will increase abruptly when it saturates. 
This results in a larger output ripple voltage. Besides, the inductor 
needs to have low DCR to reduce the loss of efficiency. 
Output Capacitor Selection 
Output voltage ripple and the transient voltage deviation are factors 
which have to be taken into consideration when selecting an output 
capacitor. Higher capacitor value and lower ESR reduce the output 
ripple and the load transient drop. Therefore, selecting high 
performance low ESR capacitors is recommended for switching 
regulator applications. In addition to high frequency noise related to 
MOSFET turn‐on and turnoff,the output voltage ripple includes the 
capacitance voltage drop ΔVCOUT and ESR voltage drop ΔVESR caused 
by the AC peak‐to‐peak inductor’s current. These two voltages can be 
represented by: 
 
These two components constitute a large portion of the total output 
voltage ripple. In some applications, multiple capacitors have to be 
paralleled to achieve the desired ESR value. If the output of the 
converter has to support another load with high pulsating current, 
more capacitors are needed in order to reduce the equivalent ESR and 
suppress the voltage ripple to a tolerable level. A small decoupling 
capacitor (1μF) in parallel for bypassing the noise is also recommended, 
and the voltage rating of the output capacitors are also must be 
considered.To support a load transient that is faster than the switching 
frequency, more capacitors are needed for reducing the voltage 
excursion during load step change. Another aspect of the capacitor 
selection is that the total AC current going through the capacitors has to 
be less than the rated RMS current specified on the capacitors in order 
to prevent the capacitor from over‐heating. 
Input Capacitor Selection 
The input capacitor is chosen based on the voltage rating and the RMS 
current rating. For reliable operation, selecting the capacitor voltage 
rating to be at least 1.3 times higher than the maximum input voltage. 
The maximum RMS current rating requirement is approximately 
IOUT/2,where IOUT is the load current. During power‐up, the input 
capacitors have to handle great amount of surge current.For low‐duty 
notebook appliactions, ceramic capacitor is recommended. The 
High-Performance PWM Controller
HM1468



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com