Electronic Components Datasheet Search
  English  ▼

X  

HM1468DR Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1468DR
Description  High-Performance PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1468DR Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1468DR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468DR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468DR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468DR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468DR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468DR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468DR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468DR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468DR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
 
 
 
 
Pin Assignments 
 
 
GND and Thermal Pad (connected to GND plane for better heat dissipation)
 
 
PIN
FUNCTION
NO.
NAME
TDFN3x3
TDFN2x2
1 
1 
POK 
Power  Good  Output.  POK  is  an  open  drain  output  used  to  indicate  the  status  of  the output voltage. 
Connect the POK in to +5V through a pull‐high resistor. 
2 
2 
OCSET 
Current‐Limit Threshold Setting Pin. There is an internal source current 10 uA through a resistor from
OCSET pin to GND. This pin is used to monitor the voltage drop across the Drain and Source of the 
low‐side MOSFET for current‐limit.
3 
3 
EN 
Enable Pin of The PWM Controller. When the EN is above enable logic level, the Device is workable.
When the EN is below shutdown logic level, the device is in shutdown and only low leakage current is 
taken from VCC and VIN.
4 
4 
FB 
Output Voltage Feedback Pin. This pin is connected to the resistive divider that set the desired output
voltage.  The  POK,  UVP,  and  OVP  circuits  detect  this  signal  to  report output voltage status. 
5 ‐ 
RF 
This  Pin is Allowed  to  Adjust The Switching Frequency. Connect  a  resistor  RRF   to set switching 
frequency  as  show  in  Table1.  The  pin  also  controls  forced  PWM  mode  or PFM/PWM auto skip mode 
selection. When RF pin is pulled down to GND, the device is in automatic PFM/PWM Mode. When RF pin 
is pulled high to POK, the device is in force PWM mode. 
6 
6 
LGATE 
Output  of  The  Low‐side MOSFET Driver. Connect this pin to Gate  of  the  low‐side 
MOSFET. Swings from GND to VCC. 
7 
7 
VCC 
Supply  Voltage  Input  Pin  for  Control  Circuitry.  Connect  +5V  from  the  VCC  pin  to  the GND pin. 
Decoupling at least 1u F of a MLCC capacitor from the VCC pin to the GND pin. 
8 
8 
PHASE 
Junction  Point   of   The   High‐side   MOSFET   Source,   Output   Filter   Inductor   and   The 
Low‐side  MOSFET  Drain.  Connect  this  pin  to  the  Source  of  the  high‐side  MOSFET. PHASE serves as the
lower supply rail for the UGATE high‐side gate driver. 
9 
9 
UGATE  Output  of  The  High‐side  MOSFET  Driver.  Connect  this  pin  to  Gate  of  the  high‐side MOSFET. 
10 
10 
BOOT 
Supply Input for The UGATE Gate Driver and An Internal Level‐shift Circuit. Connect to an   external  
capacitor   to   create   a   boosted   voltage   suitable   to   drive   a   logic‐level N‐channel 
MOSFET. 
Exposed 
Pad 
5 
GND  Signal Ground for The IC 
 
 
High-Performance PWM Controller
HM1468



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com