Electronic Components Datasheet Search
  English  ▼

X  

HM1483 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1483
Description  30V, 3.1A Monolithic Step-Down Switching Regulator in TSOT23-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1483 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1483 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1483 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1483 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1483 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1483 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1483 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1483 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1483 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1483 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4 of 14
7.5 Electrical Characteristics (Typical at Vin = 12V, TJ=25°C , unless otherwise noted.)
Note:
4) Guaranteed by design, not tested in production.
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
BUCK CONVERTER
MOSFET
Ileak_sw
High-Side Switch Leakage Current
VEN = 0V, VSW= 0V
0
10
µA
RDS(ON)_H
High-Side Switch On-Resistance
IOUT = 1A, VOUT = 3.3V
65
mΩ
RDS(ON)_L
Low-Side Switch On-Resistance
IOUT = 1A, VOUT = 3.3V
45
mΩ
SUPPLY VOLTAGE (VIN)
VUVLO_up
Minimum input voltage for startup
6.5
V
VUVLO_down
6.0
V
VUVLO_hys
0.5
V
IQ-NONSW
Operating quiescent current
VFB =1.1V
1
mA
CONTROL LOOP
Foscb
Buck oscillator frequency
300
kHz
VFB
Feedback Voltage
6.5V ≤ VIN ≤ 30V
0.9
V
VFB_OVP
Feedback Over-voltage Threshold
0.99
V
Dmax
Maximum Duty Cycle(Note 4)
94
%
Ton
Minimum On Time(Note 4)
100
ns
PROTECTION
Iocl_hs
Upper Switch Current Limit
Minimum Duty Cycle
5.9
A
Iocl_ls
Lower Switch Current Limit
From Drain to Source
5.5
A
Vinovp
Input Over voltage protection
33
V
Thsd
Thermal Shutdown(Note 4)
155
°C
Thsdhys
Thermal Shutdown Hysteresis(Note 4)
15
°C
VIH
EN High Voltage
1.2
V
VIL
EN Low Voltage
1.1
V
IEN
EN Input Current
1.5
uA
Ichg_ss
Soft-Start Charge Current
2.3
uA
Icmp_src
Comp Source Current
VFB = 1.0 V
5.5
uA
Icmp_snk
Comp Sink Current
VFB = 0.8 V
3.6
uA
HM1483



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com