Electronic Components Datasheet Search
  English  ▼

X  

HM1501 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1501
Description  USB Type-C DFP Controller IC Without/with Internal PMOS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1501 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1501 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1501 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1501 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1501 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1501 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1501 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1501 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Recommended Operating Conditi ons(推荐工作条件)
Symbol
Parameter
Min
Max
Units
VDD
Supply Input Voltage
3.0
6.0
V
TJ
Operating Junction Temperature Range
-40
125
°C
TA
Operating Ambient Temperature Range
-40
85
°C
Electrical Characteristics(电气参数)
(
Vcc=5V ; Ta=25℃ unless otherwise specified)
Characteristics
Symbol
Test Conditions
Min
Typ
Max Unit
Supply Voltage
VDD
3.0
- 6.0
V
VDD Turn-on Threshold
Voltage
VON
-
4.1
-
V
VDD Turn-off Threshold
Voltage
VOFF
-
2.85
-
V
Quiescent Current
IQ
CC1 Pin and CC2 Pin Open
-
85
150
uA
CC1 / CC2 Source Current
ISOURCE
Source Current = 80 uA
-5
-
+5
%
Source Current = 180 uA
-5
-
+5
Source Current = 330 uA
-5
-
+5
CC Rd Detection Threshold
Voltage
VRD_TH
For Default USB Power
1.51
1.60
1.64
V
For 1.5A Current
1.51
1.60
1.64
For 3A Current
2.46
2.60
2.74
CC Ra Detection Threshold
Voltage
VRA_TH
For Default USB Power
0.16
0.20
0.24
V
For 1.5A Current
0.36
0.40
0.44
For 3A Current
0.76
0.80
0.84
HM1501/HM1502
USB Type-C DFP Controller IC
Without/with Internal PMOS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com