Electronic Components Datasheet Search
  English  ▼

X  

RF9761 Datasheet(PDF) 2 Page - REYCONNS CHINA LIMITED

Part # RF9761
Description  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REYCONNS [REYCONNS CHINA LIMITED]
Direct Link  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

RF9761 Datasheet(HTML) 2 Page - REYCONNS CHINA LIMITED

  RF9761 Datasheet HTML 1Page - REYCONNS CHINA LIMITED RF9761 Datasheet HTML 2Page - REYCONNS CHINA LIMITED RF9761 Datasheet HTML 3Page - REYCONNS CHINA LIMITED RF9761 Datasheet HTML 4Page - REYCONNS CHINA LIMITED RF9761 Datasheet HTML 5Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REYCONNS
SAW Filter
RF9761
REYCONNS CHINA LIMITED
www.reyconns.com
Performance
Maximum Rating
Item
Value
Unit
DC Voltage
VDC
3
V
Operation Temperature
T
-40~+85
℃
Storage Temperature
Tstg
-55 ~ +125
℃
RF Power Dissipation
P
10
dBm
Electronic Characteristics
Test Temperature:
25℃±2℃
Terminating source impedance:
50
Ω
Terminating load impedance:
50
Ω
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fc
1380.00
MHz
Insertion Loss(min)
IL
1.9
2.5
dB
Insertion Loss
1355.00
– 1405.00 MHz
IL
2.6
3.5
dB
Amplitude Ripple (p-p)
1355.00
– 1405.00 MHz
△
ɑ
0.8
1.0
dB
Group Delay Ripple
1355.00
– 1405.00 MHz
GDR
15.0
40.0
ns
Absolute Attenuation
ɑ
DC
– 1200.00 MHz
45.0
50.0
dB
1200.00
– 1300.00 MHz
45.0
50.0
dB
1470.00
– 2400.00 MHz
38.0
40.0
dB
2400.00
– 3000.00 MHz
30.0
35.0
dB
Input VSWR
1355.00
– 1405.00 MHz
1.7:1
2.0:1
/
Output VSWR
1355.00
– 1405.00 MHz
1.7:1
2.0:1
/



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com