Electronic Components Datasheet Search
  English  ▼

X  

GD25Q16CTFG Datasheet(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q16CTFG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q16CTFG Datasheet(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q16CTFG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CTFG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CTFG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CTFG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CTFG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CTFG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CTFG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CTFG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q16CTFG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q16C
55
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q16CTIG
16Mbit
SOP8 150mil
GD25Q16CSIG
16Mbit
SOP8 208mil
GD25Q16CVIG
16Mbit
VSOP8 208mil
GD25Q16CPIG
16Mbit
DIP8 300mil
GD25Q16CEIG
16Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q16CNIG
16Mbit
USON8 (3x4mm)
GD25Q16CQIG
16Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q16CWIG
16Mbit
WSON8 (6x5mm)
GD25Q16CZIG
16Mbit
TFBGA-24ball (6x4 Ball Array)
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25Q16CTJG
16Mbit
SOP8 150mil
GD25Q16CSJG
16Mbit
SOP8 208mil
GD25Q16CVJG
16Mbit
VSOP8 208mil
GD25Q16CPJG
16Mbit
DIP8 300mil
GD25Q16CEJG
16Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q16CNJG
16Mbit
USON8 (3x4mm)
GD25Q16CQJG
16Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q16CWJG
16Mbit
WSON8 (6x5mm)
GD25Q16CZJG
16Mbit
TFBGA-24ball (6x4 Ball Array)
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25Q16CTEG
16Mbit
SOP8 150mil
GD25Q16CSEG
16Mbit
SOP8 208mil
GD25Q16CVEG
16Mbit
VSOP8 208mil
GD25Q16CPEG
16Mbit
DIP8 300mil
GD25Q16CEEG
16Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q16CNEG
16Mbit
USON8 (3x4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com