Electronic Components Datasheet Search
  English  ▼

X  

RF9795 Datasheet(PDF) 2 Page - REYCONNS CHINA LIMITED

Part # RF9795
Description  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REYCONNS [REYCONNS CHINA LIMITED]
Direct Link  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

RF9795 Datasheet(HTML) 2 Page - REYCONNS CHINA LIMITED

  RF9795 Datasheet HTML 1Page - REYCONNS CHINA LIMITED RF9795 Datasheet HTML 2Page - REYCONNS CHINA LIMITED RF9795 Datasheet HTML 3Page - REYCONNS CHINA LIMITED RF9795 Datasheet HTML 4Page - REYCONNS CHINA LIMITED RF9795 Datasheet HTML 5Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REYCONNS
SAW Filter
RF9795
REYCONNS CHINA LIMITED
www.reyconns.com
Performance
Maximum Rating
Item
Value
Unit
DC Voltage
VDC
3
V
Operation Temperature
T
-40 ~ +85
℃
Storage Temperature
Tstg
-55 ~ +125
℃
RF Power Dissipation
P
10
dBm
Electronic Characteristics
Test Temperature:
25℃±2℃
Terminating source impedance:
50
Ω
Terminating load impedance:
50
Ω
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fc
1575.42
MHz
Insertion Loss
1574.42
– 1576.42MHz
IL
4.0
4.5
dB
Amplitude Ripple (p-p)
1574.42
– 1576.42MHz
△
ɑ
0.3
1.0
dB
Group Delay Ripple
1574.42
– 1576.42MHz
GDR
5.0
20.0
ns
Absolute Attenuation
ɑ
DC - 1200.00 MHz
45.0
50.0
dB
1200.00 - 1475.42 MHz
35.0
40.0
dB
1525.42 MHZ
35.0
40.0
dB
1545.42 MHZ
35.0
40.0
dB
1555.42 MHZ
7.0
15.0
dB
1595.42 MHZ
3.0
6.0
dB
1605.42 MHZ
35.0
40.0
dB
1625.42 MHZ
35.0
40.0
dB
1675.42 -2100.00 MHz
40.0
45.0
dB
2100.00- 3000.00 MHz
30.0
35.0
dB
Input VSWR
1574.42
– 1576.42MHz
1.5:1
2.0:1
/
Output VSWR
1574.42
– 1576.42MHz
1.5:1
2.0:1
/



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com