Electronic Components Datasheet Search
  English  ▼

X  

RM3257AD Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3257AD
Description  5V,2A charger application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3257AD Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3257AD Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3257AD Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3257AD Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM3257AD
5V2A 充电器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
序号
元件名称
规格型号
用量
位号
封装要求
1
保险丝
250V,1A
1
F1
DIP
2
贴片电阻
220KΩ, 0.125W,±5%,
2
R1 R1A
SMD0805
3
贴片电阻
1.5Ω, 0.25W,±5%,
2
R2 R2A
SMD1206
4
贴片电阻
1.5MΩ, 0.125W,±5%,
1
R3
SMD0805
5
贴片电阻
2.2MΩ, 0. 125W,±5%,
1
R4
SMD0805
6
贴片电阻
100Ω, 0.25W,±5%,
1
R5
SMD1206
7
贴片电阻
68KΩ, 0.125W,±5%
1
R6
SMD0805
8
贴片电阻
56KΩ, 0.125W,±1%
1
R7
SMD0805
9
贴片电阻
180KΩ, 0.125W,±1%
1
R7A
SMD0805
10
贴片电阻
1KΩ, 0.125W,±5%
1
R8
SMD0805
11
贴片电阻
1.2Ω, 0.125W,±5%
1
R9
SMD0805
12
电解电容
10μF,400V,±10%
1
C1
DIPΦ5mm*11mm
13
电解电容
15μF,400V,±10%,
1
C2
DIPΦ10mm*17mm
14
电解电容
10μF,25V,±10%,
1
C3
DIPΦ4mm*8mm
15
涤纶电容
2.2nF,1KV,±10%
1
C4
DIP
16
贴片电容
100nf,25V,±10%
1
C5
SMD0805
17
电解电容
1000μF,10V,±10%,
2
C6 C7
DIPΦ13mm*8mm
18
Y 电容
2.2nF,1KV,±20%
1
CY1
DIP
19
整流桥
MB6F,1A,600V
1
DB1
SOP-4
20
二极管
FR107,1A,1KV
1
D1
DO-41
21
贴片二极管
RS1M,1A,1000V
1
D2
DO-214AC
22
肖特基二极管
SR540,5A,40V
2
D3,D3A
DO-201AD
23
差模电感
2mH,±10%
1
L1
DIPΦ6mm*8mm
24
IC
RM3257AD
1
U1
DIP-8
25
变压器
EE19, 5*5PIN
1
T1
DIP
26
PCB
62mm*35mm
PCB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com