Electronic Components Datasheet Search
  English  ▼

X  

BYT200 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYT200
Description  Ultra Fast Recovery Silicon Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT200 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYT200 Datasheet HTML 1Page - Vishay Siliconix BYT200 Datasheet HTML 2Page - Vishay Siliconix BYT200 Datasheet HTML 3Page - Vishay Siliconix BYT200 Datasheet HTML 4Page - Vishay Siliconix BYT200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYT115/200/400
Vishay Telefunken
Rev. A2, 24-Jun-98
2 (5)
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol Min
Typ
Max
Unit
Forward voltage
IF=15A
VF
1.3
V
g
IF=15A, Tj=100°C
VF
1.2
V
Reverse current
VR=VRRM
IR
2
mA
VR=VRRM; Tj=100°C
IR
0.2
mA
Forward recovery time
IF=15A, diF/dtx50A/ms
tfr
350
ns
Turn on transient peak
voltage
VFP
4
V
Reverse recovery
IF=15A, diF/dtx–150A/ms,
IRM
12
A
y
characteristics
F
F
m
VBatt=200V
tIRM
75
ns
Reverse recovery time
IF=15A, diF/dtx–150A/ms,
VBatt=200V
trr
140
ns
IF=0.5A, IR=1A, iR=0.25A
BYT115/200
trr
35
ns
F
R
R
BYT115/400
trr
50
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0.1
1
10
100
1000
Tj – Junction Temperature ( °C )
200
94 9510
VR = 200/400 V
Figure 1. Typ. Reverse Current vs. Junction Temperature
0
0
4
8
12
16
Tamb – Ambient Temperature ( °C )
94 9508
40
80
120
160
200
RthJA=10K/W
RthJA=5K/W
RthJA=85K/W
RthJC=1.75K/W
Figure 2. Max. Average Forward Current vs. Ambient
Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com