Electronic Components Datasheet Search
  English  ▼

X  

RM6312D Datasheet(PDF) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM6312D
Description  12V/1A power adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM6312D Datasheet(HTML) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM6312D Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6312D Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6312D Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RM6312D
12V1A 电源适配器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
序号
元件名称
规格型号
用量
位号
封装要求
26
光耦
光耦 PC817
1
U1
DIP-4
27
稳压电路
TL431
1
U2
SOT23-3
28
IC
RM6312D
1
U3
DIP-8
29
变压器
EE16,加厚型,4*4PIN,立式
1
T1
30
PCB
65mm*36mm
1
PCB
PCB 图:
DEMO 图



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com