Electronic Components Datasheet Search
  English  ▼

X  

RM6322D Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM6322D
Description  12V/1A power adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM6322D Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM6322D Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6322D Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6322D Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM6322D
12V1A 电源适配器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
序号
元件名称
规格型号
用量
位号
封装要求
1
保险丝
250V ,1A
1
F1
DIP
2
贴片电阻
2.7MΩ, 0.25W,±5%,
2
R3 R4
SMD0805
3
贴片电阻
330KΩ,0.25W,±5%
2
R5 R6
SMD1206
4
贴片电阻
4.7KΩ, 0.125W,±5%
1
R1
SMD0805
5
贴片电阻
1KΩ, 0.125W,±5%
1
R7
SMD0805
6
贴片电阻
1.2Ω, 0.25W,±5%
1
R8
SMD1206
7
贴片电阻
1.5KΩ, 0.25W,±5%
1
R9
SMD0805
8
贴片电阻
2.4Ω, 0. 25W,±5%
1
R11
SMD1206
9
贴片电阻
3.3Ω, 0. 25W,±5%
1
R12
SMD1206
10
贴片电阻
4.7KΩ, 0.125W,±1%
1
R13
SMD0805
11
贴片电阻
3KΩ, 0.125W,±1%
1
R14
SMD0805
12
贴片电阻
10Ω, 0.125W,±1%
1
R15
SMD0805
13
贴片电阻
2.7KΩ, 0.125W ±5%
1
R16
SMD0805
14
贴片电阻
39KΩ, 0.125W ±5%
1
R17
SMD0805
15
贴片电阻
1.2MΩ, 0.125W,±5%
1
R17A
SMD0805
16
贴片电阻
10KV, 0.125W,±1%
1
R18
SMD0805
17
贴片电阻
2.4KV, 0.125W,±1%
1
R20
SMD0805
18
电解电容
15μF,400V,±10%,
2
C1 C2
DIPΦ10*17mm
19
涤纶电容
1nF,1KV,±10%
1
C3
DIP
20
电解电容
6.8μF,50V,±10%,
1
C4
DIPΦ5*11mm
21
贴片电容
22nF,50V,±10%
1
C5
SMD0805
22
贴片电容
1nF,1KV,±10%
1
C6
SMD0805
23
电解电容
470μF,6V,±10%,
2
C7 C78
DIPΦ8*12mm
24
贴片电容
100nF,50V,±10%
1
C9
SMD0805



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com