Electronic Components Datasheet Search
  English  ▼

X  

HM1628 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1628
Description  LED Driver IC Product
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1628 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1628 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1628 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1628 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1628 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1628 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1628 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1628 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1628 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1628 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
IOH1
~
Seg10/KS10,
VO=VDD-2V
-20
-25
-40
mA
High-level output
current
IOH2
~
Seg10/KS10,
VO=VDD-3V
-20
-30
-50
mA
Low-level output
current
IOL1
Grid1~Grid4,VO= 0.3V
80
140
-
mA
Low-level output
current
IDATA
VO=0.4V, DIO
4
8
-
mA
Segment
High-level output
current tolerance
ITOLSG
VO=VDD-3V, Seg1/KS1~
Seg10/KS10
-
-
5
%
Input current
II
VI=VDD/GND
-
-
±1
uA
High-level
input
voltage
VIH
CLK、DIO、STB
0.7VDD
-
V
Low-level
input
voltage
VIL
CLK、DIO、STB
-
-
0.3VDD
V
Hysteresis Voltage
VH
CLK、DIO、STB
-
0.35
-
V
Dynamic current
dissipation
IDDdyn
No load , display off
-
-
5
mA
Pull-down
Resistor
RL
K1~K2
-
10
-
KΩ
3.3、ELECTRICAL CHARACTERISTICS
3.3.1 DC CHARACTERISTICS (Ta= -20
℃~+70℃,VDD=4.5V~5.5V ,GND=0V)
Seg1/KS1
Seg1/KS1
3.3.2 SWITCHING CHARACTERISTICS(Ta= -20
℃~+70℃,VDD=4.5V~5.5V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Oscillation
frequency
fOSC
-
450
-
KHz
tPLZ
-
-
300
ns
Propagation
delay
tPZL
CLK→DIO
CL=15pF, RL=10KΩ
-
-
100
ns
TTZH1
Seg1/KS1~
Seg10/KS10
-
-
2
us
Rise Time
TTZH2
CL=300pF
Grid1~Grid4
-
-
0.5
us
Fall Time
TTHZ
CL=300pF、Segn、Gridn
-
-
120
us
Maximum clock
frequency
Fmax
Duty=50%
1
-
-
MHz
Input
capacitance
CI
-
-
-
15
pF
3.3.3 TIMING CHARACTERISTICS(Ta= -20
℃~+70℃,VDD=4.5V~5.5V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Clock pulse width
PWCLK
-
400
-
-
ns
STB
pulse width
PWSTB
-
1
-
-
μs
Set-up time for data
tSETUP
-
100
-
-
ns
Hold time for data
tHOLD
-
100
-
-
ns
Propagation delay
CLK to STB
tCLK STB
CLK↑→STB↑
1
-
-
μs
Wait time
tWAIT
CLK↑→CLK↓
1
-
-
μs
Shenzhen H&M Semiconductor Co.Ltd
http.//www.hmsemi.com
HM1628



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com