Electronic Components Datasheet Search
  English  ▼

X  

BYT400 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYT400
Description  Ultra Fast Recovery Silicon Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT400 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYT400 Datasheet HTML 1Page - Vishay Siliconix BYT400 Datasheet HTML 2Page - Vishay Siliconix BYT400 Datasheet HTML 3Page - Vishay Siliconix BYT400 Datasheet HTML 4Page - Vishay Siliconix BYT400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYT115/200/400
Vishay Telefunken
Rev. A2, 24-Jun-98
3 (5)
0
0.6
1.2
1.8
2.4
0.01
0.1
1
10
100
VF – Forward Voltage ( V )
3.0
94 9509
Figure 3. Typ. Forward Current vs. Forward Voltage
0
0
200
400
600
800
1000
94 9515
3
6
12
18
21
15
9
IF – Forward Current ( A )
dIF/dt=150A/ms
Figure 4. Reverse Recovery Charge vs.
Forward Current
0
50
100
200
300
0
40
80
120
160
–dIF/dt – Forward Current Rate of Change ( A/ms )
350
94 9514
250
150
Figure 5. Reverse Recovery Time for IRM vs.
Forward Current Rate of Change
0
94 9513
5
10
15
20
0
50
100
200
300
–dIF/dt – Forward Current Rate of Change ( A/ms )
350
250
150
Figure 6. Reverse Recovery Current vs.
Forward Current Rate of Change
0
50
100
150
200
250
94 9512
0
50
100
200
300
–dIF/dt – Forward Current Rate of Change ( A/ms )
350
250
150
Figure 7. Reverse Recovery Time vs.
Forward Current Rate of Change
0
200
400
600
800
1200
94 9511
1000
0
50
100
200
300
–dIF/dt – Forward Current Rate of Change ( A/ms )
350
250
150
Figure 8. Reverse Recovery Charge vs.
Forward Current Rate of Change



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com