Electronic Components Datasheet Search
  English  ▼

X  

IS-240 Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # IS-240
Description  AC-DC Din Rail Mounted Power Supply
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

IS-240 Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  IS-240 Datasheet HTML 1Page - PAIRUI GROUP INC. IS-240 Datasheet HTML 2Page - PAIRUI GROUP INC. IS-240 Datasheet HTML 3Page - PAIRUI GROUP INC. IS-240 Datasheet HTML 4Page - PAIRUI GROUP INC. IS-240 Datasheet HTML 5Page - PAIRUI GROUP INC. IS-240 Datasheet HTML 6Page - PAIRUI GROUP INC. IS-240 Datasheet HTML 7Page - PAIRUI GROUP INC. IS-240 Datasheet HTML 8Page - PAIRUI GROUP INC. IS-240 Datasheet HTML 9Page - PAIRUI GROUP INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
INPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
90
264
Vac
Input frequency
47
63
Hz
Input current
Full load, Vin=115Vac
Full load, Vin=230Vac
2.6
1.3
A
A
Inrush current
Cold start, Vin=115Vac
Cold start, Vin=230Vac
35
65
A
A
1. This product is built in inrush limiting circuit to protect the circuit
from surge current damages when the power is turned on. Malfunction
can occur by repeating the input voltage on and off rapidly. Therefore,
sufficient interval should be given between turning on and off the
power;
2. To avoid connecting the switch or fuse to input terminal(outside of
the power supply), more consideration should be given when selecting
the parts that can endure the inrush current
Power factor(PF)
Full load, Vin=115Vac
Full load, Vin=230Vac
0.99
0.96
Stand-by power consumption
Vin=230Vac
5
W
Surge voltage
L-N
2
KV
PRODUCT SPECIFICATION
din rail power supply
www.pairuigroup.com
Page:3/17
PAIRUI ELECTRONICS
Updated 2019-V1.0-0318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com