Electronic Components Datasheet Search
  English  ▼

X  

HM1684 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1684
Description  30 V 3.1 A CC/CV Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1684 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1684 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1684 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1684 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1684 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1684 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1684 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1684 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1684 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1684 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
功能框图
+
-
EN
FB
IN
BS
SW
ISET
AVIN
PVIN
OSCILLATOR
VREF
PWM
CONTROLLER
BANDGAP,
REGULATOR,
&
SHUTDOWN
CONTROL
CC
CONTROL
VREF=0.808V
EMI
CONTROL
95mΩ
75mΩ
Σ
2MΩ
COMP
LS
HS
VCC
ISEN
ISEN
VCC
图
1. 功能框图
HM168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com