Electronic Components Datasheet Search
  English  ▼

X  

RF1001 Datasheet(PDF) 2 Page - REYCONNS CHINA LIMITED

Part # RF1001
Description  SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REYCONNS [REYCONNS CHINA LIMITED]
Direct Link  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

RF1001 Datasheet(HTML) 2 Page - REYCONNS CHINA LIMITED

  RF1001 Datasheet HTML 1Page - REYCONNS CHINA LIMITED RF1001 Datasheet HTML 2Page - REYCONNS CHINA LIMITED RF1001 Datasheet HTML 3Page - REYCONNS CHINA LIMITED RF1001 Datasheet HTML 4Page - REYCONNS CHINA LIMITED RF1001 Datasheet HTML 5Page - REYCONNS CHINA LIMITED RF1001 Datasheet HTML 6Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REYCONNS
SAW Filter
RF1001
REYCONNS CHINA LIMITED
www.reyconns.com
 
‐ 2 ‐
Test Circuit
Performance
Maximum Rating
Item
Value
Unit
DC Voltage
VDC
3
V
Operation Temperature
T
-40 ~ +85
℃
Storage Temperature
Tstg
-55 ~ +125
℃
RF Power Dissipation
P
10
dBm
Electronic Characteristics
Test Temperature: 25℃±2℃
Terminating source impedance: 50Ω
Terminating load impedance: 50Ω
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fc
168.68
MHz
Insertion Loss(min)
IL
3.8
4.5
dB
Insertion Loss
168.65 - 168.71MHz
IL
4.4
5.0
dB
αrel ≤ 1 dB
BW1
60.0
80.0
kHz
Pass bandwidth
αrel ≤ 3 dB
BW3
90.0
110.0
kHz
Amplitude Ripple (p-p)
168.65 - 168.71MHz
△
ɑ
0.5
1.0
dB
Group Delay Ripple
168.65 - 168.71MHz
GDR
1.5
2.0
us
Absolute Attenuation
ɑ
DC - 130.00MHz
50.0
55.0
dB
130.00 - 163.68MHz
40.0
45.0
dB
163.68 MHz
35.0
45.0
dB
166.68 MHz
30.0
40.0
dB
170.68 MHz
30.0
40.0
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com