Electronic Components Datasheet Search
  English  ▼

X  

HM1685 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1685
Description  40V, 4.2A High Performance CV/CC Fast Charge Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1685 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM1685 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1685 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1685 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1685 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1685 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1685 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1685 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1685 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1685 Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
典型性能特征
(续)
所有波形测试条件为
VIN = 12 V, VOUT = 5 V ,RS = 15mΩ,配置见手册中大电流输出典型应用电
路所示。
TA = 25 °C, 除非另有说明。
图
7. CCM 开关频率 vs. VIN, IOUT = 1A
图
8. CCM 开关频率 vs. 温度
图
9. 参考电压 vs. 温度
图
10. MOSFET RDS(ON) vs. 温度
图
11. 恒流限流阈值 vs. 温度
图
12. 静态电流 vs. VIN
HM168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com