Electronic Components Datasheet Search
  English  ▼

X  

HM1801 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1801
Description  HM1801-SIP of Power Bank Total Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1801 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1801 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1801 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1801 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1801 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1801 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1801 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1801 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1801 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
_________________________________________________________________________________________________________________________
FUNCTIONAL DESCRIPTION
NORMAL OPERATION
integrates Li-Battery Charger 、 Li-
Battery Protection and Boost converter in only
SOP8-PP package
Adapter inputs 5V voltage and charges the
battery. After the battery is full, get off the adapter .
And
then we can boost up to 5V to charge the
mobile advices when they is empty.
Li-Battery Charger can set charge current by
PROG resistor. Normal charging current is set from
0.5A to 1A. It will go into trickle charge mode to
protect Li-Battery when BAT voltage is below 2.9V.
Li-Battery Protection can detect the battery cell
’s
status such as Vcu、Vcl,Temp、short-cut、Over-
current and take action to protect battery cell.
Boost section can give us 5V 0.8A capacity to
mobile devices.
THERMAL OR SHORT-CUT
PROTECTION
A thermal shutdown is implemented to prevent
damages
due
to
excessive
heat
and
power
dissipation.
Typically
the
thermal
shutdown
threshold is 150℃ .When the thermal shutdown is
triggered the device stops switching until the
temperature falls below typically 136 ℃ .Then the
device starts switching again.
If the Boost converter
’s Vout is short to GND,
the IC will shut down and you should recharge the
battery to get rid of this status.
Overdischarge Detection
Voltage of Li BAT-Protection
VDL
2.85
2.9
2.95
V
Overdischarge Release
Voltage of Li BAT-Protection
VDR
2.95
3.0
3.05
V
Overdischarge Current1
Detection of Li BAT-
Protection
IIOV1
(VBAT+)-(VBAT-)=3.5V
2.1
3
3.9
A
Load Short-Circuiting
Detection of Li BAT-
Protection
ISHORT
(VBAT+)-(VBAT-)=3.5V
10
20
30
A
Boost output voltage range
Vout
14
V
Regulated Feedback
Voltage
VFB
1.20
1.225
1.25
V
Peak Inductor Current
IPEAK
1.6
A
Boost Convert
Oscillator Frequency
FOSC
0.9
1.2
1.5
MHz
_________________________________________________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com