Electronic Components Datasheet Search
  English  ▼

X  

HM1803 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1803
Description  HM1803-SIP of Power Bank Total Solution
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1803 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1803 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1803 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1803 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1803 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1803 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1803 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1803 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1803 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1803 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
260
°C
ELECTRICAL CHARACTERISTICS
(VIN = 3.6V, TA= 25
C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage Range
VCC
4.5
6.0
V
Regulated Charge Voltage
Vfloat
0°C≤TA≤85°C, Icharge = 40mA
4.158
4.22
4.260
V
PROG pin Voltage
Vprog
RPROG =1k, Current mode
0.93
1.0
1.07
V
Charge current
Icharge
RPROG =2k,Current mode
450
500
550
mA
RPROG =1k,Current mode
900
1000
1100
mA
Standby mode,Vbat=4.2V
0
-15
-30
uA
Trickle charge current
Itrikl
Vbat<Vtrikl,Rprog=1k
90
100
110
mA
Trickle charge Threshold
Voltage
Vtrikl
RPROG =10K,Vbat Rising
2.8
2.9
3.0
V
Trickle voltage hysteresis
voltage
Vtrhys
RPROG =10K
60
80
110
mV
Recharge Battery threshold
Voltage
ΔVrecg V
FLOAT - VRECHRG
150
300
mV
WLED torch current
Iwled
Vbat=4.2V
100
mA
LEDxx current
Iled
Vbat=4.2V
5
mA
Boost output voltage range
Vout
26
V
Regulated Feedback
Voltage
VFB
1.188
1.2
1.212
V
Inductor Current limit
Ilim
Roc=300K
2.3
A
Inductor Current limit
Ilim
Voc=0.9V
2.1
A
Boost Convert
Oscillator Frequency
FOSC
0.9
1.2
1.5
MHz
Overcharge Detection
Voltage of Li BAT-Protection
VCU
4.225
4.25
4.275
V
Overcharge Release Voltage
of Li BAT-Protection
VCL
4.075
4.10
4.125
V
Overdischarge Detection
Voltage of Li BAT-Protection
VDL
2.85
2.9
2.95
V
Overdischarge Release
Voltage of Li BAT-Protection
VDR
2.95
3.0
3.05
V
HM1803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com