Electronic Components Datasheet Search
  English  ▼

X  

GD25R256D Datasheet(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256D
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256D Datasheet(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256D Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256D Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
19
Table 15. Commands (Standard/Dual/Quad SPI, 4-Byte address)
Command
Name
Add
Mode
Byte
1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Bytes-7
n-Bytes
Read Data
4
03H
A31-A24
A23-A16
A15-A8
A7-A0
(D7-D0)
(cont.)
Fast Read
4
0BH
A31-A24
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(cont.)
Dual Output
Fast Read (1)
4
3BH
A31-A24
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(1)
(cont.)
Dual I/O
Fast Read (2)
4
BBH
A31-A24
A23-A16
A15-A8
A7-A0
M7-M0(2)
dummy
(D7-D0)(1)
Quad Output
Fast Read (3)
4
6BH
A31-A24
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(1)
(cont.)
Quad I/O
Fast Read (4)
4
EBH
A31-A24
A23-A16
A15-A8
A7-A0
M7-M0(4)
dummy
dummy
(D7-D0)(3)
(cont.)
Page Program 4
02H
A31-A24
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
(cont.)
Quad Page
Program
4
32H
A31-A24
A23-A16
A15-A8
A7-A0
D7-D0
(cont.)
Sector Erase
4
20H
A31-A24
A23-A16
A15-A8
A7-A0
Block
Erase(32K)
4
52H
A31-A24
A23-A16
A15-A8
A7-A0
Block
Erase(64K)
4
D8H
A31-A24
A23-A16
A15-A8
A7-A0
Read Unique
ID
4
4BH
dummy
dummy
dummy
dummy
dummy
(UID7-UID0)
Erase Security
Registers (6)
4
44H
A31-A24
A23-A16
A15-A8
A7-A0
Program
Security
Registers (6)
4
42H
A31-A24
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
(cont.)
Read Security
Registers (6)
4
48H
A31-A24
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(cont.)
NOTE:
1. Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
2. Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8
A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9
A7, A5, A3, A1, M7, M5, M3, M1
3. Quad Output Data
IO0 = (D4, D0, …..)
IO1 = (D5, D1, …..)
IO2 = (D6, D2, …..)
IO3 = (D7, D3,…..)
4. Quad Input Address
IO0 = A20, A16, A12, A8,
A4, A0, M4, M0
IO1 = A21, A17, A13, A9,
A5, A1, M5, M1
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO3 = A23, A19, A15, A11, A7, A3, M7, M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com