Electronic Components Datasheet Search
  English  ▼

X  

GD25R256DFIG Datasheet(PDF) 28 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIG Datasheet(HTML) 28 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIG Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
28
7.11.
Quad Output Fast Read (QOFR 6BH or 4QOFR 6CH)
The Quad Output Fast Read command is followed by 3-Byte address (A23-A0) and a dummy Byte, and each bit being
latched in on the rising edge of SCLK, then the memory contents are shifted out 4-bit per clock cycle from IO3, IO2, IO1
and IO0. The command sequence is shown in followed Figure19. The first Byte addressed can be at any location. The
address is automatically incremented to the next higher address after each Byte of data is shifted out.
Figure 19 Quad Output Fast Read Sequence Diagram (ADS=0)
Command
0
1
2
3
4
5
6
7
6BH
CS#
SCLK
SI(IO0)
SO(IO1)
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
34 35 36 37
33
1
5
1
5
1
5
1
38 39
Byte1
32
42 43 44 45
41
46 47
40
5
Dummy Clocks
0
4
0
4
0
4
0
4
4
5
IO2
High-Z
IO3
High-Z
CS#
SCLK
SI(IO0)
SO(IO1)
IO2
IO3
2
6
2
6
2
6
2
6
6
3
7
3
7
3
7
3
7
7
Byte2 Byte3 Byte4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com