Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFEG Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFEG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFEG Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFEG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFEG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFEG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFEG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFEG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFEG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFEG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFEG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFEG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
63
Parameter Table Major Revision
Number
Start from 0x01H
1AH
23:16
01H
01H
Parameter Table Length
(in double word)
How many DWORDs in the
Parameter table
1BH
31:24
02H
02H
Parameter Table Pointer (PTP)
First address of GigaDevice Flash
Parameter table
1CH
07:00
C0H
C0H
1DH
15:08
00H
00H
1EH
23:16
00H
00H
Unused
Contains 0xFFH and can never be
changed
1FH
31:24
FFH
FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com