Electronic Components Datasheet Search
  English  ▼

X  

HM2103D Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2103D
Description  50V, 1.7A/2.3A peak current, half bridge driver chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2103D Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2103D Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2103D Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
50V,1.7A/2.3A 峰值电流,半桥驱动芯片
HM2103D
1 特性
BOST 二极管击穿电压 50V
— 可安全应用于 36V 供电系统中
高峰值电流输出能力
— 峰值输出电流 1.7A
— 带 1nF 负载上升时间 15ns
— 峰值吸入电流 2.3A
— 带 1nF 负载下降时间 10ns
内部集成 50V 耐压自举二极管
— 无需外接自举二极管
输入引脚内置下拉电阻
— 集成 110K 对地下拉电阻
— 输入信号兼容 3.3V/5V CMOS 输入
多种防共态导通技术
— 对输入信号进行逻辑运算,输入信号同为
高时,HO/LO 输出 0 电平,关断 MOSFET
— 内部设置 150ns 死区时间
— 检测 HO、LO 口状态,反馈给逻辑电路,
避免出现 HO、LO 同时输出高电平
2 应用范围
半桥、全桥以及直流无刷电机驱动
UPS、逆变器以及 D 类型音频功放
无人机、电动自行车、电动工具
使用桥式结构的开关电源电路
3 说明
HM2103D是为使用双 N 沟道 VDMOS 功率管的桥式电
路设计的功率管栅极驱动 IC,可应用于直流有刷、
直流无刷电机以及类似感性负载的驱动电路中。
芯片的两个输入信号(HI、LI)分别控制高边驱动电路
输出(HO)和低边驱动电路输出(LO)。芯片设计了驱
动输出信号(HO、LO)状态检测电路,将输出信号的
状态反馈到内部逻辑,可有效避免出现高边、低边
功率管同时导通的情况。此外,内部还设计有约
150ns 时区时间,功率管开关速度小于 100ns 的应
用中,单片机输出信号可以不考虑死区时间设置。
芯片内部没有设计欠压锁定电路,可自行通过单片
机灵活设置电压保护点。
4 订购信息
产品型号
封装
工作温度
HM2103D
SOP8
-20℃ ~ 85℃
HM2103D
DFN8
-20℃ ~ 85℃
HM2103D
4
2
HB
VSS
3
1
HI
LI
LI
HI
VDD
12V
HO
HS
LO
0.1uF
VBAT
5
6
7
8
2.2uF
N1
N2


Similar Part No. - HM2103D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2103 HMSEMI-HM2103 Datasheet
812Kb / 10P
Chip Data Manual V1.0
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
Floating channel designed for bootstrap operation
HM2103B HMSEMI-HM2103B Datasheet
819Kb / 9P
Chip data sheet
HM2103C HMSEMI-HM2103C Datasheet
679Kb / 7P
180V Gate Driver
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
Floating channel designed for bootstrap operation
More results

Similar Description - HM2103D

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2943 ALLEGRO-2943 Datasheet
97Kb / 6P
HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER
2955-2 ALLEGRO-2955-2 Datasheet
260Kb / 3P
HIGH-CURRENT HALF-BRIDGE POWER DRIVER
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
100V / 1.4A Peak Half Bridge Gate Driver
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5107MA TI-LM5107MA Datasheet
809Kb / 18P
LM5107 100V / 1.4A Peak Half Bridge Gate Driver
LM5107 TI1-LM5107_16 Datasheet
860Kb / 20P
1.4A Peak Half Bridge Gate Driver
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com