Electronic Components Datasheet Search
  English  ▼

X  

GD25Q127CVJS Datasheet(PDF) 68 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q127CVJS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q127CVJS Datasheet(HTML) 68 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q127CVJS Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q127C
68
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q127CSIG
128Mbit
SOP8 208mil
GD25Q127CSIS
GD25Q127CVIG
128Mbit
VSOP8 208mil
GD25Q127CVIS
GD25Q127CPIG
128Mbit
DIP8 300mil
GD25Q127CPIS
GD25Q127CFIG
128Mbit
SOP16 300mil
GD25Q127CFIS
GD25Q127CWIG
128Mbit
WSON8 (6x5mm)
GD25Q127CWIS
GD25Q127CYIG
128Mbit
WSON8 (8x6mm)
GD25Q127CYIS
GD25Q127CZIG
128Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q127CZIS
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25Q127CSJG
128Mbit
SOP8 208mil
GD25Q127CSJS
GD25Q127CVJG
128Mbit
VSOP8 208mil
GD25Q127CVJS
GD25Q127CPJG
128Mbit
DIP8 300mil
GD25Q127CPJS
GD25Q127CFJG
128Mbit
SOP16 300mil
GD25Q127CFJS
GD25Q127CWJG
128Mbit
WSON8 (6x5mm)
GD25Q127CWJS
GD25Q127CYJG
128Mbit
WSON8 (8x6mm)
GD25Q127CYJS
GD25Q127CZJG
128Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q127CZJS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com