Electronic Components Datasheet Search
  English  ▼

X  

RF1003 Datasheet(PDF) 1 Page - REYCONNS CHINA LIMITED

Part # RF1003
Description  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REYCONNS [REYCONNS CHINA LIMITED]
Direct Link  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

RF1003 Datasheet(HTML) 1 Page - REYCONNS CHINA LIMITED

  RF1003 Datasheet HTML 1Page - REYCONNS CHINA LIMITED RF1003 Datasheet HTML 2Page - REYCONNS CHINA LIMITED RF1003 Datasheet HTML 3Page - REYCONNS CHINA LIMITED RF1003 Datasheet HTML 4Page - REYCONNS CHINA LIMITED RF1003 Datasheet HTML 5Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REYCONNS
SAW Filter
RF1003
REYCONNS CHINA LIMITED
www.reyconns.com
Application
Low-loss SAW component
Low amplitude ripple
Sharp rejections at both out-bands
Usable passband 1.5 MHz
Features
Ceramic Package for Surface Mounted Technology (SMT)
RoHS
compatible
Package size 5.00x5.00x1.50mm3
Package Code QCC8C
E
lectrostatic Sensitive Device(ESD)
Package Dimensions (Unit: mm)
Pin Configuration
Marking Description
Test Circuit(Bottom View)
Pin No.
Description
2
Input
6
Output
1,3,5,7,
To be Grounded
4,8
Case Ground
R
Trademark&
Manufacturer
RF
F
SAW Filter
1003
Part Number
●
Pin 1
YYWW
Year Code & Week Code
· YYWW
*Fig:If the products produced in 06
th week of 2015,
The year code & week code is 1506.
5.0
2.54
0.6
1.27
2.08
1
7
1.20
8
6
4
5
2
3
RF1003


Similar Part No. - RF1003

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RF100 WILLOW-RF100 Datasheet
868Kb / 2P
Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
Teledyne Technologies I...
RF100-12 TELEDYNE-RF100-12 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
RF100-5 TELEDYNE-RF100-5 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
logo
Mersen
RF100/RL100 MERSEN-RF100/RL100 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
REYCONNS CHINA LIMITED
RF1001 REYCONNS-RF1001 Datasheet
250Kb / 6P
SAW Filter
More results

Similar Description - RF1003

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com