Electronic Components Datasheet Search
  English  ▼

X  

RF1005 Datasheet(PDF) 2 Page - REYCONNS CHINA LIMITED

Part # RF1005
Description  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REYCONNS [REYCONNS CHINA LIMITED]
Direct Link  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

RF1005 Datasheet(HTML) 2 Page - REYCONNS CHINA LIMITED

  RF1005 Datasheet HTML 1Page - REYCONNS CHINA LIMITED RF1005 Datasheet HTML 2Page - REYCONNS CHINA LIMITED RF1005 Datasheet HTML 3Page - REYCONNS CHINA LIMITED RF1005 Datasheet HTML 4Page - REYCONNS CHINA LIMITED RF1005 Datasheet HTML 5Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REYCONNS
SAW Filter
RF1005
REYCONNS CHINA LIMITED
www.reyconns.com
Performance
Maximum Rating
Item
Value
Unit
DC Voltage
VDC
3
V
Operation Temperature
T
-40 ~ +85
℃
Storage Temperature
Tstg
-55 ~ +125
℃
RF Power Dissipation
P
10
dBm
Electronic Characteristics
Test Temperature: 25℃±2℃
Terminating source impedance: 50Ω
Terminating load impedance: 50Ω
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fc
110.542
110.592
110.642
MHz
Insertion Loss
IL
3.5
4.5
dB
Amplitude Ripple (p-p)
△
ɑ
2.0
2.5
dB
3dB Bandwidth
BW3dB
250.0
310.0
kHz
Absolute Delay
GDR
3.0
3.5
us
Absolute Attenuation
ɑ
F0+/-0.5MHz—F0+/-2MHz
30.0
35.0
dB
F0+/-2MHz—F0+/-75MHz
50.0
55.0
dB
Frequency Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com