Electronic Components Datasheet Search
  English  ▼

X  

HDC136 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HDC136
Description  High Speed Optocouplers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HDC136 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HDC136 Datasheet HTML 1Page - List of Unclassifed Manufacturers HDC136 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types HDC135, HDC136, HDC135B, HDC136B
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(214)323-2200
Fax (214)323-2396
13-23
Electrical Characteristics (Over recommended temperature TA = -55
o C to +125o C, unless otherwise noted)
SYMBOL
PARAMETER
MIN TYP* MAX UNITS
TEST CONDITIONS
CTR
Current Transfer Ratio
HDC135
HDC136
7.0
19.0
19.0
25.0
%
%
IF = 16 mA, VO = 0.40 V,
VCC = 4.5 V, TA = 25
o C
HDC135
HDC136
5.0
15.0
15.0
23.0
%
%
IF = 16 mA, VO = 0.50 V,
VCC = 4.5 V
VOL
Logic Low Output Voltage
HDC135
0.100
0.40
V
IF = 16 mA, IO = 1.10 mA,
VCC = 4.5 V
HDC136
0.100
0.40
V
IF = 16 mA, IO = 2.4 mA,
VCC = 4.5 V
IOH
Logic High Output Current
3.0
500
nA
IF = 0 mA, VO = VCC = 5.5 V,
TA = 25
o C
0.010
1.00
µA
IF = 0 mA, VO = VCC = 15 V,
TA = 25
o C
50
µA
IF = 0 mA, VO = VCC = 15 V
ICCL
Logic Low Supply Current
40
µA
IF = 16 mA, VO = open,
VCC = 15 V
ICCH
Logic High Supply Current
0.020
1.00
µA
IF = 0 mA, VO = open,
VCC = 15 V, TA = 25
o C
2.0
µA
IF = 0 mA, VO = open,
VCC = 15 V
VF
Input Forward Voltage
1.50
1.70
V
IF = 16 mA, TA = 25
o C
∆VF
∆TA
Temperature Coefficient
of Forward Voltage
-1.80
mV/
o C
IF = 16 mA
BVR
Input Reverse Breakdown Voltage
5.0
V
IR = 10
µA, TA = 25o C
CIN
Input Capacitance
42
pF
f = 1 MHz, VF = 0
IIO
Input-Output Insulation Leakage Current
1.00
µA
45% Relative Humidity,
t = 5 sec, VIO = 1000 Vdc,
TA = 25
o C (Note 9)
RIO
Input-Output Resistance
10
12
Ω
VIO = 500 Vdc (Note 9)
CIO
Input-Output Capacitance
0.50
pF
f = 1 MHz (Note 9)
hFE
Transistor DC Current Gain
150
—
VO = 5 V, IO = 3 mA
Switching Specification (TA = 25
o C) VCC = 5.0 V, IF = 16.0 mA unless otherwise noted
tPHL
Propagation Delay Time
to Logic Low at Output
HDC135
HDC136
0.50
0.60
1.50
1.00
µs
µs
RL = 4.1 k
Ω (Note 8)
RL = 1.90 k
Ω (Note 7)
tPLH
Propagation Delay Time
to Logic High at Output
HDC135
HDC136
0.40
0.80
1.50
1.00
µs
µs
RL = 4.1 k
Ω (Note 8)
RL = 1.90 k
Ω (Note 7)
CMH
Common Mode Transient
Immunity at Logic High
Level Output
HDC135
HDC136
1000
1000
V/
µs
V/
µs
IF = 0 mA, VCM = 10 Vp-p,
RL = 4.1 k
Ω (Notes 6,8)
IF = 0 mA, VCM = 10 Vp-p,
RL = 1.90 k
Ω (Notes 6,7)
CML
Common Mode Transient
Immunity at Logic Low
Level Output
HDC135
HDC136
-1000
-1000
V/
µs
V/
µs
VCM = 10 Vp-p, RL = 4.1 k
Ω,
(Notes 5,8)
VCM = 10 Vp-p, RL = 1.90 k
Ω
(Notes 5,7)
*
All typicals at TA = 25
o C and VCC = 5 V, unless otherwise noted



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com