Electronic Components Datasheet Search
  English  ▼

X  

HM2510 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2510
Description  Low voltage dual channel H-bridge driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2510 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2510 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2510 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2510 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2510 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2510 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2510 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2510 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2510 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2510 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
电特性 at Ta = 25°C, VCC= 3.3 V,RL=15Ω,unless otherwise noted。
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
ICCST
Circuit current at standby
IN1-IN4 all = L
0
10
uA
ICC
Circuit current
VCC=3.3V
0.7
1
mA
VCC=5V
1.4
2
mA
LOGIC-LEVEL INPUTS
VINL
Input low voltage
0.7
V
VINH
Input High voltage
1.7
V
RPD
Input pull-down resistance
1.5
MΩ
IINL
Input low current
VIN = 0V
-1
0
uA
IINH
Input high current
VIN = 3.3V
5
20
uA
H-BRIDGE FETS
RDS(ON) Output on resistance
IO= ±200 mA
0.4
0.6
Ω
PROTECTION CIRCUITS
tTSD
Thermal shutdown temperature
Die temperature
150
℃
HM2510
低压双通道 H 桥驱动器



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com