Electronic Components Datasheet Search
  English  ▼

X  

HM2513 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2513
Description  Dual/Single USB Charger Port Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2513 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2513 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2513 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2513 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2513 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2513 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2513 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Apple 1A Application (
HM2515)
Apple 2A Application(
HM2515)
Apple 2.4A Application(
HM2515)
Pin Configuration
Pin Description
NO.
Pin Name
Pin Function Description
1
DP1
1通道USB通信端口D+
2
GND
参考地
3
DP2
2通道USB通信端口D+
4
DM2
2通道USB通信端口D-
5
IN
电源输入
6
DM1
1通道USB通信端口D-
SEL
模式选择端:
SEL=1K 接输入:DP=2.7V,DM=2V(默认)
SEL=1K 接地 :DP=2V,DM=2.7V
SEL悬空 :
DP=2.7V,DM=2.7V
HM2513/HM2515
Dual/Single USB Charger Port Controller



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com