Electronic Components Datasheet Search
  English  ▼

X  

HM2526 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2526
Description  Toy motor drive with 1-2 Lithium-ion battery
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2526 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2526 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2526 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2526 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2526 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2526 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2526 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2526 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2526 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2526 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics(Ta=25℃,VCC=3V,VDD=6V ,unless otherwise specified)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Power supply parameters
VCC Standby current
IVCCST
INA=INB=L;VCC=3V;
VDD=9V; with Output open
--
0
0.1
uA
VDD Standby current
IVDDST
--
0
0.1
VCC static supply current
IVCC
INA=H or INB=H; with Output open
--
175
--
uA
VDD static supply current
IVDD
--
45
--
Input logic level
Input high voltage
VINH
2
--
--
V
Input low voltage
VINL
--
--
0.8
Input level hysteresis
VINHYS
--
0.6
--
Input high current
IINH
VINH=3V,VCC=3V
--
300
--
uA
Input pull-down resistor
RIN
VINH=3V,VCC=3V
--
10
--
KΩ
Power transistor on-resistance
On-resistance
RON1
IO=±200mA VDD=6V TA=25℃
0.3
Ω
IO=±1A VDD=6.5V TA=25℃
0.31
Protection function parameters
Thermal shutdown
temperature point
TSD
--
150
--
℃
Thermal shutdown
hysteresis
TSDHYS
--
130
--
Power MOSFET diode conduction characteristics
PMOS body diode
VPD
I=400mA,VCC=3V,VDD=INA=I
NB=0V
0.76
V
NMOS body diode
VND
I=-400mA,VCC=VDD=3V,INA=I
NB=0V
0.75
Motor driving time parameters
Output rise time
tr
VCC=5V,VDD =5V,INB=H,
INA is input pulse signal;
Signal duty cycle is 50% and
the signal frequency is 20 kHz
Load motor internal resistance
1.3Ω, motor idling
200
ns
Output fall time
tf
20
Output delay time
trf
70
Output delay time
tfr
400
HM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com