Electronic Components Datasheet Search
  English  ▼

X  

HM2527 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2527
Description  2-6 AA/AAA dry battery powered toy motor drive
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2527 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2527 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2527 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2527 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2527 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2527 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2527 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2527 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2527 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2527 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Ver1.0
4
Mar 13,2016
电特性参数表
(
Ta=25℃,VCC=3V,VDD=6V 除非另有规定)
参数
符号
条件
最小值
典型值
最大值
单位
电源参数
VCC 待机电流
I
VCCST
INA=INB=L;VCC=3V;
VDD=9V;输出悬空
--
0
0.1
uA
VDD 待机电流
I
VDDST
--
0
0.1
VCC 静态电源电流
I
VCC
INA=H or INB=H; 输出悬空
--
175
--
VDD 静态电源电流
I
VDD
--
80
--
输入逻辑电平
输入高电平
V
INH
2
--
--
V
输入低电平
V
INL
--
--
0.8
输入电平迟滞
V
INHYS
--
0.6
--
输入高电平电流
I
INH
V
INH=3V,VCC=3V
--
300
--
uA
输入下拉电阻
R
IN
V
INH=3V,VCC=3V
--
10
--
KΩ
功率管导通内阻
导通内阻
R
ON1
IO=±200mA VDD=6V TA=25℃
0.3
Ω
IO=±1A VDD=6.5V TA=25℃
0.31
保护功能参数
热关断温度点
TSD
--
150
--
℃
热关断温度迟滞
T
SDHYS
--
130
--
功率管体二极管导通特性
PMOS 体二极管
V
PD
I=400mA,VCC=3V,VDD=INA=INB=0V
0.76
V
NMOS 体二极管
V
ND
I=-400mA,VCC=VDD=3V,INA=INB=0V
0.75
电机驱动时间参数
输出上升时间
t
r
VCC=5V,VDD =5V,INB=H,
INA输入脉冲信号;
信号占空比为
50%,信号频率为20KHz
负载电机内阻
1.3Ω,电机空转
200
ns
输出下降时间
t
f
20
输出延迟时间
t
rf
70
输出延迟时间
t
fr
400
采样电流输出
采样输出电流
IREF
VCC=3V,VDD=9V,Io=0.5A
0.5
mA
HM252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com