Electronic Components Datasheet Search
  English  ▼

X  

HM2531 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2531
Description  Power switch controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2531 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2531 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2531 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2531 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2531 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2531 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
封装规格
Min
Max
Min
Max
A
1.400
1.800
0.055
0.071
A1
0.700
0.900
0.028
0.035
A2
0.500
0.700
0.020
0.028
b
0.360
0.500
0.014
0.020
b1
0.380
0.550
0.015
0.022
c
0.360
0.510
0.014
0.020
D
4.980
5.280
0.196
0.208
D1
3.780
4.080
0.149
0.161
E
3.450
3.750
0.136
0.148
e
e1
3.710
3.910
0.146
0.154
L
14.900
15.300
0.587
0.602
θ
45° TYP
45° TYP
Symbol
Dimensions In Millimeters
Dimensions In Inches
1.270 TYP
0.050 TYP
HM2531



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com