Electronic Components Datasheet Search
  English  ▼

X  

DAC-88MM Datasheet(PDF) 4 Page - DATEL, Inc.

Part # DAC-88MM
Description  High-Performance, 12-Bit DACs with Input Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

DAC-88MM Datasheet(HTML) 4 Page - DATEL, Inc.

  DAC-88MM Datasheet HTML 1Page - DATEL, Inc. DAC-88MM Datasheet HTML 2Page - DATEL, Inc. DAC-88MM Datasheet HTML 3Page - DATEL, Inc. DAC-88MM Datasheet HTML 4Page - DATEL, Inc. DAC-88MM Datasheet HTML 5Page - DATEL, Inc. DAC-88MM Datasheet HTML 6Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
DAC-88 Series
High-Performance, 12-Bit DACs with Input Registers
MDA_DAC-88.A01 Page 4 of 6
CODING TABLES
Table 1. Unipolar Operation
Table 2. Bipolar Operation
Table 3. Output Range Selection
COMPLEMENTARY STRAIGHT BINARY
OUTPUT RANGES
MSB
LSB
0 to +10V
0000
0000
0000
+9.9976
0000
0000
0001
+9.9951
0111
1111
1111
+5.0000
1011
1111
1111
+2.5000
1111
1111
1110
+0.0024
1111
1111
1111
0.0000
RANGE
CONNECT THESE PINS TOGETHER
±10V
16 & 24
17 & 20
±5V
16 & 24
17 & 20
15 & 18
+10V
16 & 24
17 & 21
15 & 18
COMPLEMENTARY OFFSET BINARY
TWO’S COMPLEMENT
OUTPUT RANGES
MSB
LSB
MSB
LSB
±10V
±5V
0000
0000
0000
1000
0000
0000
+9.9951
+4.9976
0000
0000
0001
1000
0000
0001
+9.9902
4.9951
0111
1111
1111
1111
1111
1111
0.0000
0.0000
1111
1111
1110
0111
1111
1110
–9.9951
–4.9976
1111
1111
1111
1111
1111
1111
–10.0000
–5.0000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com