Electronic Components Datasheet Search
  English  ▼

X  

SD8065 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD8065
Description  Lithium titanate battery, lithium battery charge manager
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8065 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD8065 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8065 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
典型应用:
RCH=1K
CHRG
PROG
GND
BAT
Vcc
RPROG
2.2K
CBAT
10uF
CVIN
10uF
VIN=5V
+
4
1
2
3
5
R1
图 1 500mA 单节锂电池充电器
注:建议接 R1 耗散电阻,可获得较大的充电电流,又可提高整机的可靠性。阻值根据实际
情况选取(0~0.6Ω)。
500mA 电流完整的充电循环(500mAh 锂电池,按照图 1 典型电路,VIN=5V)
2.70
3.00
2.85
3.15
3.45
3.30
3.60
3.90
3.75
4.05
4.35
4.20
4.50
4.35V
4.20V
0 0.25 0.5 0.75 1.0 1.25 1.5 1.75 2.0
TIME(HOURS)
2.55
2.40
0
100
200
300
400
500
600
700
IBAT
绝对最大额定值
• 输入电源电压(V
CC):-6.5V~12V
• PROG:-0.3V~V
CC+0.3V
• BAT:-4.35V~8V
• CHRG:-0.3V~10V
• BAT 短路持续时间:连续
• BAT 引脚电流:700mA
• PROG 引脚电流:2mA
• 最大结温:150℃
• 工作环境温度范围:-40℃~85℃
• 贮存温度范围:-65℃~125℃
• 引脚温度(焊接时间 10 秒):260℃
1
REV_1.
钛酸锂电池、锂电池充电管理器
钛酸锂电池、锂电池充电管理器
钛酸锂电池、锂电池充电管理器
钛酸锂电池、锂电池充电管理器
钛酸锂电池、锂电池充电管理器
SD8065
2
www.shouding.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com