Electronic Components Datasheet Search
  English  ▼

X  

SD8910 Datasheet(PDF) 1 Page - SHOUDING Shouding Semiconductor

Part # SD8910
Description  2A , 21V 600KHz Synchronous Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8910 Datasheet(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SD8910 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8910 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ure 1. Pin Assignment of SD8910
2A , 21V 60
SD8910-0.5-AUG-2011
SD8910S6CTR
SD8910
The SD8910 is available in
The SD8910 fault protection includes cycle
The SD8910 is a synchronous step
SD8910
1
85T
0KHz Synchronous Step-Down
DC/DC Converter
Pin Assignments
S6 Package (SOT-23-6)
2
1
3
6
4
5
(Marking)
BST
LX
GND FB
VIN SHDN
Fig
Ordering Information
SOT-23-6 Marking
Part Number
Product Code
Description
-down DC/DC
converter that provides wide 4.5V to 21V input
voltage range and 2A continuous load current
capability.
-by-cycle
current limit, UVLO, output overvoltage protection
and thermal shutdown.
The adjustable soft-start
function prevents inrush current at turn-on.
This
device uses current mode control scheme which
provides
fast
transient
response.
Internal
compensation
function
reduces
external
compensation components and simplifies the design
process.
In shutdown mode, the supply current is
less than 1μA.
SOT-23-6
package and
provides good thermal conductance.
Features
High Efficiency up to 94%
Low Rds(on) Integrated Power MOSFET
Internal Compensation Function
Wide Input Voltage Range: 4.5V to 21V
Adjustable Output Voltage from 0.8V to 17.85V
2A Output Current
Fixed 600KHz Switching Frequency
Current Mode Operation
Cycle-by-Cycle Current Limit
Over-Temperature Protection with Auto Recovery
Output Overvoltage Protection
Under Voltage Lockout
<
1μA Shutdown Current
SOT-23-6
Package
Applications
STB (Set-Top-Box)
LCD Display, TV
Distributed Power System
Networking, XDSL Modem
C: Green
TR: Tape/Reel
□□□
Package Type
S6: SOT-23-6
Shouding
B1G***
www.shouding.net


Similar Part No. - SD8910

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD8911 SHOUDING-SD8911 Datasheet
1Mb / 12P
Dual Channe l Synchro nous Buck D C/DC Conver ter
SD8911-AJ SHOUDING-SD8911-AJ Datasheet
1Mb / 12P
Dual Channe l Synchro nous Buck D C/DC Conver ter
SD8916A SHOUDING-SD8916A Datasheet
475Kb / 8P
800mA,2-6V Input,1.5MHz Synchronous Step-Down Converter
More results

Similar Description - SD8910

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7262E RICHTEK-RT7262E Datasheet
380Kb / 17P
2A, 21V 500kHz Synchronous Step-Down Converter
RT8286 RICHTEK-RT8286 Datasheet
418Kb / 14P
2A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28262 MPS-MP28262 Datasheet
331Kb / 14P
2A, 21V, 1.1MHz Synchronous Step-down Converter
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
Fitipower Integrated Te...
FR9886A FITIPOWER-FR9886A Datasheet
654Kb / 13P
21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
FR9886C FITIPOWER-FR9886C Datasheet
949Kb / 14P
21V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9701 FITIPOWER-FR9701 Datasheet
698Kb / 12P
23V, 2A, 600KHz Asynchronous Synchronous Step-Down DC/DC Converter
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
FR9888A FITIPOWER-FR9888A Datasheet
1Mb / 13P
21V, 3A, 1.2MHz Synchronous Step-Down DC/DC Converter
FR97063A FITIPOWER-FR97063A Datasheet
831Kb / 12P
23V, 2A, 600KHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com