Electronic Components Datasheet Search
  English  ▼

X  

SD8911 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD8911
Description  Dual Channe l Synchro nous Buck D C/DC Conver ter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8911 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD8911 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8911 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SD8911
SD8911-AJ
0.6
SD8911
2
T
Tyyp
piicca
all A
Ap
pp
plliicca
attiio
on
n C
Ciirrccu
uiitt
*Adjustable Output Voltage: VOUT1 = 0.6V • [1 + (R1/R2)]; VOUT2 = 0.6V • [1+ (R3/R4)].
Model
VOUT (V)
VIN(V)
Package
~
5.5
2.5 ~ 5.5
DFN3*3-10L
P
Piin
n A
Assssiig
gn
nm
me
en
ntt a
an
nd
d D
De
essccrriip
pttiio
on
n
DFN3*3-10L
PIN
NAME
DESCRIPTION
1
EN1
ON/OFF Control 1 (High Enable)
2
FB1
Output feedback 1
3
VIN2
Input 2
4
GND
Ground
5
SW2
Switch Output 2
6
EN2
ON/OFF Control 2 (High Enable)
7
FB2
Output feedback 2
8
VIN1
Input 1
9
GND
Ground
10
SW1
Switch Output 1
DC+
VOUT1
SW2
FB2
EN2
VIN1
8
4 9
3
2
5
1
R1
R2
L2 4.7µH
C1
10µF
C2
10µF
VIN2
EN1
SW1
FB1
GND
VOUT2
L1 4.7µH
C3
10µF
R4
R3
7
6
10
C4
22pF
C5
22pF
ON OFF
ON OFF
www.sdw-tw.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com